Part Number Hot Search : 
MPS5131C R5F7286 74F242 10010 RA13H131 2SC3359Q 144EU 05DE91M
Product Description
Full Text Search
 

To Download 608-1232-240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features / benefits s long life - typically 100k hours s low power consumption - uses up to 90% less energy than an incandescent indicator s no heat generated s colors include red, green and yellow s front panel mounting s housing matches emitted color 608 series led panel mount indicators for 8mm mounting hole dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com mdel608x001_a a roxboro group company applications dialight's 600 series of metric indicators are designed for a variety of applications such as: ? main and remote power indication ? status indication ? maintenance and warning indication ? instrumentation and much more! specifications s voltage requirements: 2 vdc (current limiting resistor required) 6, 12 & 24 vdc (no resistor required) s electrical connection: leads (figures 1 & 2) solder terminals (figures 3 & 4) s maximum panel thickness: see reverse side s mounting hole sizes: 0.327 inches (8.3 mm) (figures 1 & 2) 0.335 inches (8.5 mm) (figures 3 & 4) s mounts with lock washer and nut or snap fit 0.217 lbs/ft or 3 kg/cm torque recommended (figures 1 & 2 only) s operating temperature: -25 o c to +85 o c s storage temperature: -25 o c to +85 o c s housing material: polycarbonate to match emitting color fig. 1 fig. 4 fig. 3 fig. 2 dimensions in inches [mm] all measurements are typical dialight reserves the right to make changes at any time in order to supply the best product possible.
dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com a roxboro group company mdel608x001_a 608 series led panel mount indicators for 8mm mounting hole part number color voltage current intensity fig ure panel (vdc) (ma) typ. (mcd) thickness 608-1131-110 red 2 15 20 1 608-1231-110 green 2 15 15 1 608-1331-110 yellow 2 15 4 1 608-3131-110 red 2 15 20 2 608-3231-110 green 2 15 15 2 608-3331-110 yellow 2 15 4 2 part number color voltage current intensity fig ure panel (vdc) (ma) typ. (mcd) thickn ess 608-1132-220 red 6 15 60 3 608-1132-230 red 12 15 60 3 608-1132-240 red 24 15 60 3 608-1232-220 green 6 15 110 3 608-1232-230 green 12 15 110 3 608-1232-240 green 24 15 110 3 608-1332-220 yellow 6 15 90 3 608-1332-230 yellow 12 15 90 3 608-1332-240 yellow 24 15 90 3 608-2132-220 red 6 15 60 4 608-2132-230 red 12 15 60 4 608-2132-240 red 24 15 60 4 608-2232-220 green 6 15 110 4 608-2232-230 green 12 15 110 4 608-2232-240 green 24 15 110 4 608-2332-220 yellow 6 15 90 4 608-2332-230 yellow 12 15 90 4 608-2332-240 yellow 24 15 90 4 snap-fit specifications dialight reserves the right to make changes at any time in order to supply the best product possible. 0.236 inches (6 mm) 0.197 inches (5 mm) lock washer & nut


▲Up To Search▲   

 
Price & Availability of 608-1232-240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X